PART |
Description |
Maker |
2SC4095 2SC4095-T1 2SC4095R 2SC4095R-T2 2SC4095R-T |
For amplify microwave and low noise. MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
|
NEC[NEC]
|
AP0622-E AM0203-A AP0614-E AP0634-E AP0624-E AM060 |
Single 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C Single 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amp; Package: SOT; No of Pins: 5; Temperature Range: -40° to 125°C No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 125°C 微波/毫米波放大器 Microwave/Millimeter Wave Amplifier 微波/毫米波放大器
|
Maxim Integrated Products, Inc.
|
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
MXL1007 MXL1007ACN8 MXL1007AMH MXL1007AMJ8 MXL1007 |
; Color:Blue; Lens Color:Blue; Luminous Intensity (MSCP):2000ucd; Voltage Rating:28V; LED Color:Blue; Leaded Process Compatible:Yes; Lens Width:22" RoHS Compliant: Yes OP-AMP, 110 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDSO16 Low-Noise Precision Op Amp Low-Noise, Precision Op Amp
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
LTC6400CUD-20-PBF LTC6400CUD-20-TRPBF LTC6400IUD-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology, Corp.
|
MAX2611EUS-T |
DC-to-Microwave, Low-Noise Amplifier 0 MHz - 1100 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
Maxim Integrated Products, Inc.
|
ISL9016IRUJCZ-T ISL9016IRUJJZ-T ISL9016IRUJWZ-T IS |
150mA Dual LDO with Low Noise, High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
Intersil, Corp. Intersil Corporation
|
ISL9012IRFDZ-T ISL9012IRCJZ-T ISL9012IRMGZ-T ISL90 |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9014AIRPPZ-T ISL9014AIRFDZ-T ISL9014AIRPLZ-T IS |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
LTC6403IUD-1TRPBF |
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplier/Driver; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C OP-AMP, 1500 uV OFFSET-MAX, 200 MHz BAND WIDTH, PQCC16
|
Linear Technology, Corp.
|